2012-01. all specifications are subject to change without notice. phone: +886-2-8227-3585 e-mail: sales@technexion.com web: http://www.technexion.com TIM-5510 embedded mainboard intel atom d510 embedded board with so-dimm ddr2 and 12 vdc power input. various storage possibilities ranging from cf card, ide, sata to onboard nand flash. integrated multicardreader that reads sd, xd, mmc, ms and all their variants. four serial ports, 8 gpio?s and 8 usb to connect and control external devices. system cpu fanless intel atom d510 dualcore @ 1.66 ghz ( a ) memory 1x ddr2 so-dimm max. 2gb( 28 ) chipset ich8m ( b ) graphic interfaces vga by pinheader ( 26 ) single channel lvds upto 18bit( 24 ) touchpanel 5 wire resistive touchcontroller ( 6 ) audio chipset realtek alc888 7.1 audio, s/pdif, microphone( 10 ) 2 w amplified speaker l/r( 13,14 ) bios insyde bios supported os linux 2.6.x, windows xp/vista/7 communication interfaces by connector dc-in ( 23 ), marvell gigabit rj-45 (2x)( 21 ), usb 2.0 (4x)( 19 ), rs-232 ( 16 ), multicard reader ( 15 ) by pinheader lpt ( 8 ), digital io (8x)( 7 ), usb 2.0 (4x)( 20 ), rs-232 (2x)( 17 ), rs-232/422/485(switch select)( 18 ) expansion and storage multi cardreader sd, mmc, xd, ms cards ( 15 ) expansion slots mini-pcie ( 5 ) on board 3x sata( 3 ), ide 44 pin interface( 4 ) power input power 12vdc or wide voltage(8~30vdc) environmental and mechanical temperature 0 to 60 c humidity 10-90% dimensions 210 x 148 mm (din a5) weight 550 grams dimensions units in mm order information TIM-5510-sv standard voltage (12vdc) TIM-5510-wv wide voltage (8~30vdc) options on board storage 1gb nand flash ( d ) expansion slots cf card slot/ mini-pci ( bottom ) input power wide voltage (8~30vdc) 2 12 13 15 17 7 16 8 10 1 2 3 4 24 18 19 20 27 23 6 21 14 5 3 9 21 20 19 26 3 17 28 b a d 210 148 200 110 m3 138
|